| Moteur de recherche de fiches techniques de composants électroniques |
|
AR0544CSSC33SMKA1-CP2 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0544CSSC33SMKA1-CP2 Fiches technique(HTML) 3 Page - ON Semiconductor |
|
3 / 6 page ![]() AR0544 www.onsemi.com 3 Table 2. 10-bit MODES OF OPERATION Mode Name Mode Description Resolution Frame Rate Native 5 MP Linear Mode Full Resolution 2592 x 1944 60 LI Native 5 MP LI-HDR Mode 2592 x 1944 30 Crop 1080P Linear 1920 x 1080 110 SLP Native 5M Linear Mode Full Resolution, Lowest Power 2592 x 1944 1 Bin4 0.3 MP Linear, Lowest Power 648 x 486 1 WoM Bin4 Wake On Motion w/ Streaming 648 x 486 1 WoM Bin4Skip2 (Note 2) Wake On Motion without Streaming 324 x 243 1 2. Sensor resolution is actually 648 x 486. GB columns are skipped which helps reduce power consumption. The stream output of the sensor cannot be used in this mode. Table 3. 12-bit MODES OF OPERATION Mode Name Mode Description Resolution Frame Rate eDR Native 5M eDR Mode 2592 x 1944 30 Table 4. ORDERING INFORMATION Part Number Product Description Orderable Product Attribute Description AR0544CSSC11SMKA1-CP 5 MP 1/4.2” CMOS Image sensor RGB 11 CRA CSP with Protective Film AR0544CSSC11SMKA1-CP2 5 MP 1/4.2” CMOS Image sensor RGB 11 CRA CSP with Protective Film Low MOQ AR0544CSSC11SMKA1-CR 5 MP 1/4.2” CMOS Image sensor RGB 11 CRA CSP without Protective Film AR0544CSSC11SMKAH3-GEVB 5 MP 1/4.2” CMOS Image sensor RGB 11 CRA Demo3 Headboard AR0544CSSM11SMKA1-CP 5 MP 1/4.2” CMOS Image sensor Mono 11 CRA CSP with Protective Film AR0544CSSM11SMKA1-CP2 5 MP 1/4.2” CMOS Image sensor Mono 11 CRA CSP with Protective Film Low MOQ AR0544CSSM11SMKA1-CR 5 MP 1/4.2” CMOS Image sensor Mono 11 CRA CSP without Protective Film AR0544CSSM11SMKAH3-GEVB 5 MP 1/4.2” CMOS Image sensor Mono 11 CRA Demo3 Headboard AR0544CSSH11SMKA1-CP 5 MP 1/4.2” CMOS Image sensor RGBIR 11 CRA CSP with Protective Film AR0544CSSH11SMKA1-CP2 5 MP 1/4.2” CMOS Image sensor RGBIR 11 CRA CSP with Protective Film Low MOQ AR0544CSSH11SMKA1-CR 5 MP 1/4.2” CMOS Image sensor RGBIR 11 CRA CSP without Protective Film AR0544CSSH11SMKAH3-GEVB 5 MP 1/4.2” CMOS Image sensor RGBIR 11 CRA Demo Headboard AR0544CSSC33SMKA1-CP 5 MP 1/4.2” CMOS Image sensor RGB 33 CRA CSP with Protective Film AR0544CSSC33SMKA1-CP2 5 MP 1/4.2” CMOS Image sensor RGB 33 CRA CSP with Protective Film Low MOQ AR0544CSSC33SMKA1-CR 5 MP 1/4.2” CMOS Image sensor RGB 33 CRA CSP without Protective Film AR0544CSSC33SMKAH3-GEVB 5 MP 1/4.2” CMOS Image sensor RGB 33 CRA Demo3 Headboard AR0544CSSH33SMKA1−CP 5 MP 1/4.2” CMOS Image sensor RGBIR 33 CRA CSP with Protective Film AR0544CSSH33SMKA1−CP2 5 MP 1/4.2” CMOS Image sensor RGBIR 33 CRA CSP with Protective Film Low MOQ AR0544CSSH33SMKA1−CR 5 MP 1/4.2” CMOS Image sensor RGBIR 33 CRA CSP without Protective Film AR0544CSSH33SMKAH3−GEVB 5 MP 1/4.2” CMOS Image sensor RGBIR 33 CRA Demo Headboard 3. Refer to AR0544 Die Data Sheet for Die Part Numbers & Ordering Information. |