Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT86 Fiches technique(PDF) 5 Page - Silicon Supplies

No de pièce 74ACT86
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SS [Silicon Supplies]
Site Internet  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT86 Fiches technique(HTML) 5 Page - Silicon Supplies

  74ACT86_V02 Datasheet HTML 1Page - Silicon Supplies 74ACT86_V02 Datasheet HTML 2Page - Silicon Supplies 74ACT86_V02 Datasheet HTML 3Page - Silicon Supplies 74ACT86_V02 Datasheet HTML 4Page - Silicon Supplies 74ACT86_V02 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5
www.siliconsupplies.com
Advanced CMOS TTL Input – 74ACT86
Rev 1.0
14/05/25
Switching Waveform
Figure 1 – Propagation Delay
Test Circuit
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
Figure 2
* Includes all probe and jig capacitance
DUT
CL*
OUTPUT
1kΩ
Rpd
VCC
TEST
POINT



Html Pages

1 2 3 4 5