Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5822 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce 1N5822
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N5822 Fiches technique(HTML) 4 Page - STMicroelectronics

  1N5822 Datasheet HTML 1Page - STMicroelectronics 1N5822 Datasheet HTML 2Page - STMicroelectronics 1N5822 Datasheet HTML 3Page - STMicroelectronics 1N5822 Datasheet HTML 4Page - STMicroelectronics 1N5822 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0
5
10
15
20
25
30
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
IR(mA)
VR(V)
Tj=100°C
Tj=25°C
1N5820
1N5821
Tj=125°C
Fig. 6-1: Reverse leakage current versus reverse
voltage applied (typical values) (1N5820/1N5821).
0
5
10
15
20
25
30
35
40
1E-3
1E-2
1E-1
1E+0
1E+1
5E+1
IR(mA)
VR(V)
Tj=100°C
Tj=25°C
Tj=125°C
Fig. 6-2: Reverse leakage current versus reverse
voltage applied (typical values) (1N5822).
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0.01
0.10
1.00
10.00
50.00
IFM(A)
VFM(V)
Tj=25°C
Tj=100°C
Tj=125°C
Fig. 7-1: Forward voltage drop versus forward
current (typical values) (1N5820/1N5821).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.10
1.00
10.00
50.00
IFM(A)
VFM(V)
Tj=25°C
Tj=100°C
Tj=125°C
Fig. 7-2: Forward voltage drop versus forward
current (typical values) (1N5822).
1
10
100
1000
0
20
40
60
80
100
IFSM(A)
Number of cycles
F=50Hz
Tj initial=25°C
Fig. 8: Non repetitive surge peak forward current
versus number of cycles.
1N582x
4/5



Html Pages

1 2 3 4 5