| Moteur de recherche de fiches techniques de composants électroniques |
|
TRF600-160-R1 Fiches technique(PDF) 1 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
TRF600-160-R1 Fiches technique(HTML) 1 Page - Littelfuse |
|
1 / 22 page ![]() 213 12 This family of telecommunication and networking devices was initially designed to meet the growing demand for resettable overcurrent protection. These product families help provide protection against damage caused by power cross and power induction surges as defined in ITU, Telcordia GR1089, and UL60950. Available in chip, surface-mount, and radial- leaded configurations, TE’s PolySwitch devices help improve the reliability of customer premise and network equipment world wide. • Many product choices give engineers more design flexibility • Compatible with high volume electronics assembly • Assist in meeting regulatory equipment requirements • Improved line balance • Applicable for legacy POTS and modern digital communications equipment • RoHS compliant • Resettable overcurrent protection • Surface-mount, radial-leaded, and chip form factors • Fast time-to-trip • Agency recognition: UL, CSA, TÜV • Resistance sorted and matched devices available • Low parasitic capacitance/flat impedance with frequency • Modems • Phone sets • Fax machines • Phone wall outlets • Alarm systems PolySwitch Resettable Devices Telecommunications & Networking Devices Benefits Features Applications • PBX systems • MDF modules • Analog and digital line cards • T1/E1 equipment • xDSL modems and splitters • Powered ethernet systems • VoIP (Voice over Internet Protocol) equipment • LAN, WAN equipment • Customer premise equipment • Access network hardware |
Numéro de pièce similaire - TRF600-160-R1 |
|
Description similaire - TRF600-160-R1 |