Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1060 Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce 1060
Description  Six-channel QTouch® Touch Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

1060 Fiches technique(HTML) 2 Page - Microchip Technology

  1060 Datasheet HTML 1Page - Microchip Technology 1060 Datasheet HTML 2Page - Microchip Technology 1060 Datasheet HTML 3Page - Microchip Technology 1060 Datasheet HTML 4Page - Microchip Technology 1060 Datasheet HTML 5Page - Microchip Technology 1060 Datasheet HTML 6Page - Microchip Technology 1060 Datasheet HTML 7Page - Microchip Technology 1060 Datasheet HTML 8Page - Microchip Technology 1060 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
2
AT42QT1060 [DATASHEET]
9505H–AT42–04/2015
1.
Pinout and Schematic
1.1
Pinout Configuration
1.2
Pin Descriptions
SNS1K
SNS2K
VSS
VDD
IO5
VSS
IO0
IO1
1
2
3
4
5
6
715
16
17
18
19
20
21
28 27 26 25 24 23 22
8
9
14
13
12
11
10
QT1060
IO6
SNS3K
VDD
IO2
SNS5
VDD
Table 1-1.
Pin Allocation
Pin
Name
Type
Description
If Unused, Connect To...
1
SNS1K
I/O
To Cs capacitor and to key
Leave open
2
SNS2K
I/O
To Cs capacitor and to key
Leave open
3
VDD
P
Positive power pin
4
VSS
P
Ground power pin
5
IO5
I/O
I/O Port Pin 5
Leave open and set as output
6
IO6
I/O
I/O Port Pin 6
Leave open and set as output
7
SNS3K
I/O
To Cs capacitor and to key
Leave open
8
SNS4K
I/O
To Cs capacitor and to key
Leave open
9
SNS5K
I/O
To Cs capacitor and to key
Leave open
10
SNS0
I/O
To Cs Capacitor
Leave open
11
SNS1
I/O
To Cs Capacitor
Leave open
12
SNS2
I/O
To Cs Capacitor
Leave open
13
SNS3
I/O
To Cs Capacitor
Leave open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35