| Moteur de recherche de fiches techniques de composants électroniques |
|
SM5908 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SM5908 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 6 page ![]() 1N5908 SM5908 TRANSIL TM ® UNIDIRECTIONAL TRANSIL DIODE PEAK PULSE POWER : 1500 W (10/1000 µs) REVERSE STAND OFF VOLTAGE : 5 V LOW CLAMPING FACTOR FAST RESPONSE TIME UL RECOGNIZED FEATURES CB429 SMC Symbol Parameter Value Unit PPP Peak pulse power dissipation (see note1) Tj initial = Tamb 1500 W P Power dissipation on infinite heatsink Tamb =75 °C5 W IFSM Non repetitive surge peak forward current for unidirectional types tp = 10ms Tj initial = Tamb 200 A Tstg Tj Storage temperature range Maximum junction temperature - 65 to + 175 175 °C °C TL Maximum lead temperature for soldering during 10s (at 5mm from case for CB429) CB429 SMC 230 260 °C °C Note 1 : For a surge greater than the maximum values, the diode will fail in short-circuit. ABSOLUTE MAXIMUM RATINGS (Tamb =25 °C). DESCRIPTION The 1N5908 and SM5908 are dedicated to the 5 V logic circuit protection(TTL and CMOS technologies). Their low clamping voltage at high current level guarantees excellent protection for sensitive components. August 1999 Ed : 2A Symbol Parameter Value Unit Rth (j-l) Junction to leads 20 °C/W Rth (j-a) Junction to ambient on printed circuit. L lead = 10 mm CB429 75 °C/W On recommended pad layout SMC 75 °C/W THERMAL RESISTANCES 1/6 |
Numéro de pièce similaire - SM5908 |
|
Description similaire - SM5908 |