Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLN227 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TLN227
Description  LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN227 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TLN227 Datasheet HTML 1Page - Toshiba Semiconductor TLN227 Datasheet HTML 2Page - Toshiba Semiconductor TLN227 Datasheet HTML 3Page - Toshiba Semiconductor TLN227 Datasheet HTML 4Page - Toshiba Semiconductor TLN227 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLN227(F)
2007-10-01
2
Precautions
Please be careful of the followings.
1. Soldering must be performed under the lead stopper.
2. When forming the leads, bend each lead under the stopper without leaving forming stress to the
body of the device. Soldering must be performed after the leads have been formed.
3. Radiant power falls over time due to the current which flows in the infrared LED.
When designing a circuit, take into account this change in radiant power over time.



Html Pages

1 2 3 4 5