| Moteur de recherche de fiches techniques de composants électroniques |
|
RI-60SMDM Fiches technique(PDF) 2 Page - Comus International |
|
|
|||||||||||||||||||||||||||||
RI-60SMDM Fiches technique(HTML) 2 Page - Comus International |
|
2 / 2 page ![]() RI-60SMDM Series Molded Dry Reed Switch USA Tel: +(1)973 777 6900 / Fax: +(1) 973 777 8405 Page 2 of 2 Recommended PCB SMD Pad Layout Recommended Soldering Reflow Profile Dimensions for RI-60SMDM Tape and Reel Recommended Pad Layout Lead Type Dim. A Dim. B Dim. C Dim. D G1 .692 / 17.57 .520 / 13.20 .086 / 2.18 .041 / 1.04 A B C D Rev: 1 - 1 / 2019 - BR 0.661 (16.80) 0.364 (9.27) 0.125 (3.20) 0.021 (0.55) 0.013 (0.35) 0.196 MAX 0.314 MAX 0.106 (2.70) 0.066 (1.7) 0.314 (8.0) 0.068 (1.75) 0.078 0.061 1.259 (32.0) 1.118 (28.4) 0.078 (2.0) 0.559 (14.20) 0.157 (4.0) * Each tape and reel contains 2,500 pieces. ORDERING INFORMATION RI-60SMDM-XXXX-G1 Lead Configuration: G1 for Gull Wing AT Ranges 1015 1520 Series All Dimensions in inches (mm) are nominal unless noted otherwise. |