Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS340 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STPS340
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STPS340_07 Datasheet HTML 3Page - STMicroelectronics STPS340_07 Datasheet HTML 4Page - STMicroelectronics STPS340_07 Datasheet HTML 5Page - STMicroelectronics STPS340_07 Datasheet HTML 6Page - STMicroelectronics STPS340_07 Datasheet HTML 7Page - STMicroelectronics STPS340_07 Datasheet HTML 8Page - STMicroelectronics STPS340_07 Datasheet HTML 9Page - STMicroelectronics STPS340_07 Datasheet HTML 10Page - STMicroelectronics STPS340_07 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STPS340
Package Information
9/11
Figure 23.
Foot print dimensions (in millimeters)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 7.
SMC package mechanical data
Ref
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.40
0.030
0.063
E
C
L
E2
E1
D
A1
A2
b
5.03
8.11
1.54
3.15
1.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11