| Moteur de recherche de fiches techniques de composants électroniques |
|
ECWH16162JVC Fiches technique(PDF) 9 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECWH16162JVC Fiches technique(HTML) 9 Page - Panasonic Semiconductor |
|
9 / 21 page ![]() Matters to Be Observed When Using This Product <List of cleaners that can be or cannot be used to clean the capacitor> * Retail product: ECWFE, ECWFG <Uncleaned flux> Pine Alpha ST-100S Ultrasonic cleaning at 60 ℃ for 5 minutes → Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes → Hot air drying at 85 ℃ for 5 minutes Aqua Cleaner 210SET Shower cleaning at 60 ℃ for 1 minute → Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes → Hot air drying at 85 ℃ for 5 minutes Cleanthrough LC-841 Ultrasonic cleaning at 60 ℃ for 5 minutes → Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes → Hot air drying at 85 ℃ for 5 minutes Cleanthrough 750L Ultrasonic cleaning at 60 ℃ for 5 minutes → Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes → Hot air drying at 85 ℃ for 5 minutes Ultrasonic cleaning at 60 ℃ for 5 minutes → Non-blow drying at 85 ℃ for 5 minutes Cleanthrough 750H Ultrasonic cleaning at 60 ℃ for 5 minutes → Ultrasonic rinsing with pure water at 60 ℃ for 5 minutes → Hot air drying at 85 ℃ for 5 minutes Terpene Cleaner EC-7 Spray cleaning at ordinary temperature for 5 minutes → Spray rinsing with pure water at 50 ℃ for 5 minutes → Hot air drying at 80 ℃ for 5 minutes Ethanol Ultrasonic cleaning or immersion cleaning for 5 minutes Isopropyl alcohol (IPA) Ultrasonic cleaning or immersion cleaning for 5 minutes FRW-17: ultrasonic cleaning at 60 ℃ for 5 minutes → FRW-1N: ultrasonic cleaning at 60 ℃ for 5 minutes → FRW-100: vapor drying at 100 ℃ for 1 minute 23-Apr-25 Cleaning conditions Chip type Lead type Retail product* Alcohol-based ○ ○ ○ ○ ○ ○ Silicon-based ○ ○ ○ Halogen-based ○ ○ ○ HCFC141b-MS Ultrasonic cleaning or immersion cleaning for 5 minutes Petroleum-based Hydrocarbon ○ ○ ○ × ○ ○ P3 Cold Cleaner 225S Ultrasonic cleaning at 60 ℃ for 5 minutes → Ultrasonic rinsing with IPA at ordinary temperature for 5 minutes → Hot air drying at 40 ℃ for 5 minutes Toluene Ultrasonic cleaning or immersion cleaning for 5 minutes Terpene-based × ○ ○ Pure water × ○ ○ Surfactant × ○ ○ × ○ ― × ○ ― × ○ ○ × ○ ○ × ○ ○ ○ cleaner can be used, × cleaner cannot be used, ― unconfirmed Low-residue flux ○ ○ ○ Non-active flux ○ ○ ○ AM-173 ULF-500VS |