| Moteur de recherche de fiches techniques de composants électroniques |
|
0AMA Fiches technique(PDF) 3 Page - Bel Fuse Inc. |
|
|
|||||||||||||||||||||||||||||
0AMA Fiches technique(HTML) 3 Page - Bel Fuse Inc. |
|
3 / 4 page ![]() Type 0AMA 3 / 4 Bel Fuse Inc. 300 Executive Drive, Suite 300, West Orange, NJ 07052 USA +1 201.432.0463 Bel.US.CS@belf.com belfuse.com/circuit-protection © 2024 Bel Fuse, Inc. Rev. 0AMA Sep2024 Soldering Parameters Profile Feature Lead(Pb) free solder Preheat and soak • Temperature min.(Tsmin) 150 ℃ • Temperature max. (Tsmax) 200 ℃ • Time (Tsmin to Tsmax) (tS) 60 - 120 Seconds Average ramp up rate Tsmax to Tp 3 ℃ / Second Max. Liquidous temperature (TL) Time at liquidous (tL) 217 ℃ 60 - 150 Seconds Peak package body temperature (TP) 260 ℃ Time (tP) within 5 ℃ of the specified classification temperature (TC) 30 Seconds Average ramp-down rate (TP to Tsmax) 6 ℃ / Second Max. Time (25 ℃ to Peak Temperature) 8 Minutes Max. Specifications subject to change without notice |