Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STI5202 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STI5202
Description  Low-cost set-top box decoder for H.264 and Microsoft VC1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5202 Fiches technique(HTML) 5 Page - STMicroelectronics

  STI5202 Datasheet HTML 1Page - STMicroelectronics STI5202 Datasheet HTML 2Page - STMicroelectronics STI5202 Datasheet HTML 3Page - STMicroelectronics STI5202 Datasheet HTML 4Page - STMicroelectronics STI5202 Datasheet HTML 5Page - STMicroelectronics STI5202 Datasheet HTML 6Page - STMicroelectronics STI5202 Datasheet HTML 7Page - STMicroelectronics STI5202 Datasheet HTML 8Page - STMicroelectronics STI5202 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STi5202
Typical applications
5/9
The video/graphics subsystem includes:
●
Microsoft WMV 9/VC-1 MP@ML and AP@L1/H.264(MPEG-4 part 10) main and high
profile level 3/MPEG-2 MP@ML video decoder
–
Advanced error concealment and trick mode support
–
Dual SD decoding
●
SD digital video input
●
Displays
–
One ED display multi format capable (480p/576p, 480i/576i)
- analog ED output RGB or YPbPr
- HDMI encoded output
–
One standard-definition display
- analog SD output: YPbPr or YC and CVBS
●
Gamma 2D graphics processor
–
Triple source 2D gamma blitter engine
–
Alpha blending and logical operations
–
Color space and format conversion
–
Fast color fill
–
Arbitrary resizing with high quality filters
–
Acceleration of direct drawing by CPU
●
Gamma compositor and video processor
–
7-channel mixer for enhanced definition output
–
Independent 2-channel mixer for SD output
–
3 graphic display planes
–
High-quality video scaler
–
Motion and detail adaptive deinterlacer
–
Linear resizing and format conversions
–
Horizontal and vertical filtering
●
Copy protection
–
HDMI/HDCP copy protection hardware
–SVP compliant
–
Macrovision® copy protection for 480i, 480i, 576i, 576p outputs
–DTCP-IP
–
AWG-based DCS analog copy protection



Html Pages

1 2 3 4 5 6 7 8 9