Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADUM1253 Fiches technique(PDF) 22 Page - Analog Devices

No de pièce ADUM1253
Description  Ultra-Low-Power, I2C Isolator with Unidirectional SCL, Extended VDD, Idle-Bus Hot-Swap, and Low VOL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADUM1253 Fiches technique(HTML) 22 Page - Analog Devices

Back Button ADUM1253_V01 Datasheet HTML 16Page - Analog Devices ADUM1253_V01 Datasheet HTML 17Page - Analog Devices ADUM1253_V01 Datasheet HTML 18Page - Analog Devices ADUM1253_V01 Datasheet HTML 19Page - Analog Devices ADUM1253_V01 Datasheet HTML 20Page - Analog Devices ADUM1253_V01 Datasheet HTML 21Page - Analog Devices ADUM1253_V01 Datasheet HTML 22Page - Analog Devices ADUM1253_V01 Datasheet HTML 23Page - Analog Devices ADUM1253_V01 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADuM1253
Ultra-Low-Power, I2C Isolator with
Unidirectional SCL, Extended VDD,
Idle-Bus Hot-Swap, and Low VOL
www.analog.com
Analog Devices | 22
A m re accurate estimate f the juncti n temperature can be f un using ΨJT. Measure the device package temperature
(TPACKAGE) in the center of the package using an IR camera or thermocouple and then use the following expression:
TJ = TPACKAGE + ΨJT × PD
Layout Considerations
The PCB designer should follow some critical recommendations to get the best performance from the design.
● Keep the input/output traces as short as possible. To keep signal paths low inductance, avoid using vias.
● Have a solid ground plane underneath the high-speed signal layer.
● Keep the area underneath the ADuM1253 free from ground and signal planes. Any galvanic or metallic connection
between side 1 and side 2 defeats the isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24