Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CYT809JS Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce CYT809JS
Description  3-Pin Microprocessor Reset Monitor (Preliminary)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

CYT809JS Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  CYT809JS Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT809JS Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT809JS Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT809JS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Preliminary and all contents are subject to change without prior notice.
4
CYT809
3-Pin Microprocessor
Reset Monitor
(Preliminary)
OUTLINE DRAWING SOT-23
B
C
A
D
E
F
J
G
H
K
L
MIN
MAX
MIN
MAX
A
0.110
0.120
2.80
3.04
B
0.047
0.055
1.20
1.40
C
0.083
0.104
2.10
2.64
D
0.035
0.040
0.89
1.03
E
0.070
0.080
1.78
2.05
F
0.018
0.024
0.45
0.60
G
0.015
0.020
0.37
0.51
H
0.0005 0.004
0.013
0.10
J
0.034
0.040
0.887
1.02
K
0.003
0.007
0.085
0.18
L
-0.027
-0.69
DIM
N
INCHES
MM
DIMENSIONS



Html Pages

1 2 3 4