| Moteur de recherche de fiches techniques de composants électroniques |
|
CDC328AD Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CDC328AD Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 12 page ![]() CDC328A 1LINE TO 6LINE CLOCK DRIVER WITH SELECTABLE POLARITY SCAS327B − DECEMBER 1992 − REVISED NOVEMBER 1995 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 PARAMETER MEASUREMENT INFORMATION tPLH1 2Y2 2Y1 2T/C 1Y2 1Y1 1T/C A tPHL1 tPLH5 tPHL5 tPLH2 tPHL2 tPLH6 tPHL6 tPLH3 tPHL3 tPHL7 tPLH7 tPLH4 tPHL4 tPHL8 tPLH8 NOTES: A. Output skew, tsk(o), from A to any Y (same phase), can be measured only between outputs for which the respective polarity-control inputs (T/C) are at the same logic level. It is calculated as the greater of: − The difference between the fastest and slowest of tPLH from A↑ to any Y (e.g., tPLHn, n = 1 to 4; or tPLHn, n = 5 to 6) − The difference between the fastest and slowest of tPHL from A↓ to any Y (e.g., tPHLn, n = 1 to 4; or tPHLn, n = 5 to 6) − The difference between the fastest and slowest of tPLH from A↓ to any Y (e.g., tPLHn, n = 7 to 8) − The difference between the fastest and slowest of tPHL from A↑ to any Y (e.g., tPHLn, n = 7 to 8) B. Output skew, tsk(o), from A to any Y (any phase), can be measured between outputs for which the respective polarity-control inputs (T/C) are at the same or different logic levels. It is calculated as the greater of: − The difference between the fastest and slowest of tPLH from A↑ to any Y or tPHL from A↑ to any Y (e.g., tPLHn, n = 1 to 4; or tPLHn, n = 5 to 6, and tPHLn, n = 7 to 8) − The difference between the fastest and slowest of tPHL from A↓ to any Y or tPLH from A↓ to any Y (e.g., tPHLn, n = 1 to 4; or tPHLn, n = 5 to 6, and tPLHn, n = 7 to 8) C. Pulse skew, tsk(p), is calculated as the greater of tPLHn - tPHLn(n = 1, 2, 3, 4, 5, 6 ,7, 8). Figure 2. Waveforms for Calculation of tsk(o), tsk(p) |