Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACMP Fiches technique(PDF) 2 Page - Sensata Technologies, Inc.

No de pièce ACMP
Description  Single–Phase and Three–Phase Aircraft Motor Protectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSATA [Sensata Technologies, Inc.]
Site Internet  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

ACMP Fiches technique(HTML) 2 Page - Sensata Technologies, Inc.

  ACMP Datasheet HTML 1Page - Sensata Technologies, Inc. ACMP Datasheet HTML 2Page - Sensata Technologies, Inc. ACMP Datasheet HTML 3Page - Sensata Technologies, Inc. ACMP Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
APPLICATION
STANDARD CONFIGURATIONS
Inherent protection means that a protector is built into a motor and becomes an integral part of the system. For this reason, Klixon® protectors should
only be applied by the motor manufacturer after detailed application tests to determine the heating characteristics of the motor under a full range of
load and ambient conditions to verify the selected rating will meet the specific application requirements. Consult the factory for test samples.
Single Phase Motor Protectors
Open Type
SKA
MKA
Approx. Weight (Ounces)
.125
.250
Maximum Rapturing Capacity
16 amps
50 amps
A (max dia)
.688
.937
B (dia)
.638
.876
C
.344
.420
D
.093
.093
E (max)
.500
.625
F (radius)
.035
.035
Three Phase Motor Protectors
BJE Type
(4-PL)
.313 MAX
.125 MAX
1.380 MAX
.260/.240
SEALED COVER
(2-PL)
.223/.213
(4-PL)
R .255/.245
2.453/2.437
1.946/1.926
1.578/1.547



Html Pages

1 2 3 4