Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

02065103 Fiches technique(PDF) 3 Page - Molex Electronics Ltd.

No de pièce 02065103
Description  Hand Crimp Tool for Standard 1.57mm Pin and Socket Crimp Terminals, 24-18 AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02065103 Fiches technique(HTML) 3 Page - Molex Electronics Ltd.

  02065103 Datasheet HTML 1Page - Molex Electronics Ltd. 02065103 Datasheet HTML 2Page - Molex Electronics Ltd. 02065103 Datasheet HTML 3Page - Molex Electronics Ltd. 02065103 Datasheet HTML 4Page - Molex Electronics Ltd. 02065103 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UPC
800756955582
Warranty Disclaimer
CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.
Physical
Net Weight
332.600/g
Applicable Parts
Description
Part Number
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Female, with Tin (Sn) Plated Brass
Contact, 24-18 AWG, Reel
02061101
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Female, with Tin (Sn) Plated Brass
Contact, 24-18 AWG, Bag
02061103
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1560, Male, with Tin (Sn)
Plated Brass Contact, 24-18 AWG,
Reel
02062101
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
02062103



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com