Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

02065102 Fiches technique(PDF) 4 Page - Molex Electronics Ltd.

No de pièce 02065102
Description  Hand Crimp Tool for Standard 1.57mm Pin and Socket Crimp Terminals, 24-18 AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02065102 Fiches technique(HTML) 4 Page - Molex Electronics Ltd.

  02065102 Datasheet HTML 1Page - Molex Electronics Ltd. 02065102 Datasheet HTML 2Page - Molex Electronics Ltd. 02065102 Datasheet HTML 3Page - Molex Electronics Ltd. 02065102 Datasheet HTML 4Page - Molex Electronics Ltd. 02065102 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series 1560, Male, with Tin (Sn)
Plated Brass Contact, 24-18 AWG,
Bag
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Female, with 0.38µm Gold (Au)
Plated Brass Contact, 24-18 AWG,
Reel
02065100
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Female, with 0.76µm Gold (Au)
Plated Brass Contact, 24-18 AWG,
Reel
02065101
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Female, with 0.76µm Gold (Au)
Plated Brass Contact, 24-18 AWG,
Bag
02065102
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Female, with 0.38µm Gold (Au)
Plated Brass Contact, 24-18 AWG,
Bag
02065103
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Female, with Selective Gold (Au)
Plated Brass Contact, 24-18 AWG,
Reel
02065108
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Female, with Selective Gold (Au)
Plated Brass Contact, 24-18 AWG,
Bag
02065109
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1560, Male, with Gold (Au)
Plated Brass Contact, 24-18 AWG,
Reel
02066100
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1560, Male, with .76µm
Selective Gold (Au) Plated Brass
Contact, 24-18 AWG, Reel Packaged
02066101



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com