Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

02065101 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 02065101
Description  Hand Crimp Tool for Standard 1.57mm Pin and Socket Crimp Terminals, 24-18 AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02065101 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  02065101 Datasheet HTML 1Page - Molex Electronics Ltd. 02065101 Datasheet HTML 2Page - Molex Electronics Ltd. 02065101 Datasheet HTML 3Page - Molex Electronics Ltd. 02065101 Datasheet HTML 4Page - Molex Electronics Ltd. 02065101 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part Number : 638191300
Product Description : Hand Crimp Tool for
Standard 1.57mm Pin and Socket Crimp Terminals,
24-18 AWG
Series Number : 207129
Status : Active
Product Category : Crimp Presses and Crimp Hand
Tools
Documents & Resources
Tooling Specifications
ATS-638191300-001.pdf
TM-638000029-001.pdf
TM-638000029DE-001.pdf
TM-638000029SP-001.pdf
TM-638000029FR-001.pdf
TM-638000029IT-001.pdf
TM-638000029JP-001.pdf
TM-638000029KR-001.pdf
TM-638000029MY-001.pdf
TM-638000029PL-001.pdf
TM-638000029RU-001.pdf
TM-638000029SK-001.pdf
TM-638000029TH-001.pdf
TM-638000029VN-001.pdf
TM-638000029CN-001.pdf
TM-638000029TW-001.pdf
Product Environment Compliance
Compliance
GADSL/IMDS
Not Relevant
China RoHS
Not Relevant


Numéro de pièce similaire - 02065101

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
02065101 MOLEX-02065101 Datasheet
69Kb / 7P
ServiceGrade Hand Crimp Tool for Field Repair Only, 24-14 AWG
Jun 04, 2025
02065101 MOLEX-02065101 Datasheet
65Kb / 6P
Insertion Tool for Standard .062" Diameter Male and Female Terminals
Jun 24, 2025
More results

Description similaire - 02065101

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
63811-6800 MOLEX11-63811-6800 Datasheet
41Kb / 1P
Hand Crimp Tool for Pin and Socket Crimp Terminals
63819-1300 MOLEX11-63819-1300 Datasheet
44Kb / 1P
Hand Crimp Tool for Standard 1.57mm Pin and Socket Crimp Terminals, 18-24 AWG
ATS-638191300 MOLEX-ATS-638191300 Datasheet
986Kb / 9P
Hand Crimp Tool For Standard .062" Pin and Socket Crimp Terminals
05-05-16
0638191300 MOLEX-0638191300 Datasheet
44Kb / 3P
Hand Crimp Tool for Standard 1.57mm Pin and Socket Crimp Terminals, 18-24 AWG
08/26/2022
0638280900 MOLEX-0638280900 Datasheet
30Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Crimp Terminals, 18 AWG
08/26/2022
0638281200 MOLEX-0638281200 Datasheet
27Kb / 1P
Hand Crimp Tool for Standard .093" Pin and Socket Crimp Terminals, 20 AWG
08/25/2022
0638281300 MOLEX-0638281300 Datasheet
29Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Crimp Terminals, Claspcon Pin and Socket Crimp Terminals, and Commoning Connector Crimp Terminals, 22 AWG
08/25/2022
0638281400 MOLEX-0638281400 Datasheet
29Kb / 2P
Hand Crimp Tool for .093 Pin and Socket Crimp Terminals, 22 AWG
08/26/2022
0638281500 MOLEX-0638281500 Datasheet
27Kb / 1P
Hand Crimp Tool for Standard .093 Pin and Socket Terminals, 22 AWG
08/26/2022
0638281700 MOLEX-0638281700 Datasheet
29Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Crimp Terminals, 20 AWG
08/25/2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com