| Moteur de recherche de fiches techniques de composants électroniques |
|
L79L05ACZ Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L79L05ACZ Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 22 page ![]() Order codes L79LxxAB - L79LxxAC - L79LxxC 20/22 6 Order codes Table 16. Order codes Packaging Output voltage SO-8 TO92 (BAG) (1) 1. Available in Ammopak with the suffix "-AP" or in Tape & Reel with the suffix "TR". Please note that in these cases pins are shaped according to Tape & Reel specifications. SOT-89 L79L05ACD13TR L79L05ACZ L79L05ACUTR -5 V L79L05ABD13TR L79L05ABZ L79L05ABUTR -5 V L79L06CD13TR (2) 2. Available on request. -6 V L79L06ACD13TR L79L06ACZ L79L06ACUTR -6 V L79L06ABD13TR (2) L79L06ABZ L79L06ABUTR -6 V L79L08CD13TR (2) -8 V L79L08ACD13TR L79L08ACZ L79L08ACUTR (2) -8 V L79L08ABD13TR (2) L79L08ABZ (2) L79L08ABUTR (2) -8 V L79L09CD13TR (2) -9 V L79L09ACD13TR (2) L79L09ACZ L79L09ACUTR -9 V L79L09ABD13TR (2) L79L09ABZ (2) L79L09ABUTR (2) -9 V L79L12CD13TR (2) -12 V L79L12ACD13TR L79L12ACZ L79L12ACUTR -12 V L79L12ABD13TR (2) L79L12ABZ (2) L79L12ABUTR (2) -12 V L79L15CD13TR (2) -15 V L79L15ACD13TR L79L15ACZ L79L15ACUTR -15 V L79L15ABD13TR L79L15ABZ (2) -15 V |