Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7528 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce TDA7528
Description  AM/FM car radio Front-End receiver for IF sampling tuners
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7528 Fiches technique(HTML) 2 Page - STMicroelectronics

  TDA7528 Datasheet HTML 1Page - STMicroelectronics TDA7528 Datasheet HTML 2Page - STMicroelectronics TDA7528 Datasheet HTML 3Page - STMicroelectronics TDA7528 Datasheet HTML 4Page - STMicroelectronics TDA7528 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TDA7528
2/5
Description (continued)
The mixer outputs have a single ended low impedance design to drive one or two IF filters
with different bandwidths. A switchable-gain IF amplifier, independent IF AGC and an
integrated anti-aliasing stage drive the IF A/D converter of the STA3005 backend.
Programmable RF AGCs to actuate adjustable preamplifier stages and two D/A converters
for tuning external filter stages complete the reception path.
Two fully integrated VCOs are included in the TDA7528, oscillating in a range around 3.7
GHz and 4.7 GHz respectively. The output signal of the selected VCO drives a
programmable divider generating the LO signal for the mixer stage. The PLL, integrated with
the exception of the loop filter, allows reception on all the above-mentioned frequencies,
swift frequency changes in the standard tuning steps of 50 kHz for FM, 9 or 10 kHz for LW
and MW and 5 kHz for SW. The smallest available tuning steps are 12.5 kHz for FM and 1
kHz for all AM bands.
The TDA7528 frontend is controlled by a serial command interface, switchable between SPI
and I2C protocol. The external reference clock source is typically 74.1 MHz and intended to
be generated within the STA3005 back-end. However, the TDA7528 also features its own
reference oscillator typically intended to use a crystal at 74.4 MHz.
All the necessary calibration steps can be carried out electronically during production. An
integrated temperature sensor facilitates the adaptation of various parameters during
operation, like IF gain or AGC threshold.



Html Pages

1 2 3 4 5