Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SUCULFP1.VC Fiches technique(PDF) 18 Page - ams-OSRAM AG

No de pièce SUCULFP1.VC
Description  OSLON® UV 3535
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

SUCULFP1.VC Fiches technique(HTML) 18 Page - ams-OSRAM AG

Back Button SUCULFP1.VC Datasheet HTML 14Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 15Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 16Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 17Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 18Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 19Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 20Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 21Page - ams-OSRAM AG SUCULFP1.VC Datasheet HTML 22Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
SU CULFP1.VC
DATASHEET
DATASHEET
18 | Version 1.2 | 2024-11-29
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet falls into high risk group – RG 3. WARNING - UV emitted from this product. Avoid eye and skin
contact to unshielded product.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
Changes to the content of this datasheet may occur without further notification. JEDEC 46C constitutes the
guideline of the change management for the device specified in this document.
Based on very short life cycle times in chip technology this component is subject to frequent adaption to the
latest chip technology.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22