Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4050BCPZ-R2 Fiches technique(PDF) 45 Page - Analog Devices

No de pièce AD4050BCPZ-R2
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4050BCPZ-R2 Fiches technique(HTML) 45 Page - Analog Devices

Back Button AD4050BCPZ-R2 Datasheet HTML 41Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 42Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 43Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 44Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 45Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 46Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 47Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 48Page - Analog Devices AD4050BCPZ-R2 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
Data Sheet
AD4050/AD4056
APPLICATIONS INFORMATION
analog.com
Rev. A | 45 of 67
TYPICAL APPLICATIONS DIAGRAM
Figure 69 shows an example connection diagram with the AD4050/
AD4056. Common companion circuitry for the AD4050/AD4056
includes power management, voltage reference circuitry, analog
front-end and signal conditioning circuitry, and an SPI-compatible
digital host (such as a microcontroller or a field programmable gate
array (FPGA)).
The components shown in Figure 69 are general recommendations
for best performance when operating the AD4050/AD4056 at 2
MSPS/500 kSPS and not intended for all use cases. The following
sections provide more guidelines for component selection.
Figure 69. AD4050/AD4056 Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67