Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMP202 Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers

No de pièce EMP202
Description  Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EMP202 Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button EMP202 Datasheet HTML 20Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 21Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 22Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 23Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 24Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 25Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 26Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 27Page - List of Unclassifed Manufacturers EMP202 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Single-Chip Dual-Channel AC’97 Audio Codec
EMP202
EMPIA Technology
7/15/2002
27
8.4. CD Input
Pay attention to differential CD input. Below is an example of differential CD input.
Example of differential CD input
8.5. Odd Addressed Register Access
The EMP202 will return “0000h” when odd-addressed registers and unimplemented registers are
read.
8.6. Power-down Mode
Warm Reset
Cold Reset
Ready =1
Normal
ADCs off PR0
DACs off PR1
Analog off
PR2 or PR3
Digital I/F off
PR4
Shut off
AC-Link
Default
PR0=0 & ADC=1
PR1=0 & DAC=1
PR2=0 & ANL=1
PR0=1
PR1=1
PR2=1
PR4=1
Example of the EMP202 power-down/power-up flow
8.7. Test Mode
8.7.1.ATE In Circuit Test Mode
SDATA_OUT is sampled high at the trailing edge of RESET#. In this mode, the EMP202 will drive
BIT_CLK, SDATA_IN, EAPD, GPIOs, IDs, and SPDIFO to high impedance.
8.7.2.Vendor Specific Test Mode
All other modes are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28