| Moteur de recherche de fiches techniques de composants électroniques |
|
AFE5832LPZAV Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE5832LPZAV Fiches technique(HTML) 7 Page - Texas Instruments |
|
7 / 9 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) AFE5832LPZAV ZAV NFBGA 289 126 7 X 18 150 315 135.9 7620 17.2 11.3 16.35 AFE5832LPZAV.A ZAV NFBGA 289 126 7 X 18 150 315 135.9 7620 17.2 11.3 16.35 AFE5832LPZAV.B ZAV NFBGA 289 126 7 X 18 150 315 135.9 7620 17.2 11.3 16.35 Pack Materials-Page 1 |