Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX11025 Fiches technique(PDF) 2 Page - ASIX Electronics Corporation

No de pièce AX11025
Description  Single Chip Microcontroller with TCP/IP and 10/100M Fast Ethernet MAC/PHY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASIX [ASIX Electronics Corporation]
Site Internet  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX11025 Fiches technique(HTML) 2 Page - ASIX Electronics Corporation

  AX11025 Datasheet HTML 1Page - ASIX Electronics Corporation AX11025 Datasheet HTML 2Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6
AX11025
Single Chip Microcontroller with TCP/IP
and 10/100M Fast Ethernet MAC/PHY
Block Diagram
Applications
The AX11025, with on-chip high performance RISC CPU, built-in TCP/IP protocol suite, and rich communication
peripherals supported, provides a very low cost yet very high performance SoC solution to enable easy and simple
LAN or Internet access capability to almost every application needs in the Internet era. The AX11025 is targeted for
home appliances, factory/building automation, industrial equipments, security systems, remote
control/monitoring/management, and streaming media applications such as network camera/remote surveillance,
hardware TCP/IP offload engine, audio over Internet, automatic meter reading, vending system/POS, environment
monitoring or network sensor, networked UPS, serial to Ethernet adaptor, CAN2.0 (Control Area Network) to Ethernet
adaptor and Ethernet to ZigBee bridge, etc.
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu 30078, Taiwan
ASIX Proprietary and Confidential
Released Date: 8/11/2006
TEL: +886-3-579-9500
FAX: +886-3-579-9558
http://www.asix.com.tw/



Html Pages

1 2