Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX88196BLF Fiches technique(PDF) 46 Page - ASIX Electronics Corporation

No de pièce AX88196BLF
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASIX [ASIX Electronics Corporation]
Site Internet  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196BLF Fiches technique(HTML) 46 Page - ASIX Electronics Corporation

Back Button AX88196BLF Datasheet HTML 42Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 43Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 44Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 45Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 46Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 47Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 48Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 49Page - ASIX Electronics Corporation AX88196BLF Datasheet HTML 50Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
ASIX ELECTRONICS CORPORATION
46
AX88196BLF
5.1.46 Wakeup Frame Byte Mask (WFBM0)
Page3 Offset 01H (Read/Write)
Field
Name
Description (Default = 00h)
31:0
WFBM0
Byte mask for wake-up frame filter 0. Host continue write 4 times to completed 32-bits of
Byte Mask 0.
5.1.47 Wakeup Frame Byte Mask (WFBM1)
Page3 Offset 02H (Read/Write)
Field
Name
Description (Default = 00h)
31:0
WFBM1
Byte mask for wake-up frame filter 1. Host continue write 4 times to completed 32-bits of
Byte Mask 1.
5.1.48 Wakeup Frame Byte Mask (WFBM2)
Page3 Offset 03H (Read/Write)
Field
Name
Description (Default = 00h)
31:0
WFBM2
Byte mask for wake-up frame filter 2. Host continue write 4 times to completed 32-bits of
Byte Mask 2.
5.1.49 Wakeup Frame Byte Mask (WFBM3)
Page3 Offset 04H (Read/Write)
Field
Name
Description (Default = 00h)
31:0
WFBM3
Byte mask for wake-up frame filter 3. Host continue write 4 times to completed 32-bits of
Byte Mask 3.
5.1.50 Wakeup Frame 1,0 CRC (WF10CRC)
Page3 Offset 05H (Read/Write)
Field
Name
Description (Default = 00h)
7:0
WF0_0CRC
Byte mask CRC for wake-up frame filter 0. Host continue write 4 times to completed
32-bits of Byte Mask 1 CRC and Byte Mask 0 CRC.
CRC-16 Polynomials = X^16 + X^15 + X^2 + 1
15:8
WF0_1CRC
Byte mask CRC for wake-up frame filter 0.
23:16
WF1_0CRC
Byte mask CRC for wake-up frame filter 1.
31:24
WF1_1CRC
Byte mask CRC for wake-up frame filter 1.
5.1.51 Wakeup Frame 3,2 CRC (WF32CRC)
Page3 Offset 06H (Read/Write)
Field
Name
Description (Default = 00h)
7:0
WF2_0CRC
Byte mask CRC for wake-up frame filter 2. Host continue write 4 times to completed
32-bits of Byte Mask 3 CRC and Byte Mask 2 CRC.
CRC-16 Polynomials = X^16 + X^15 + X^2 + 1
15:8
WF2_1CRC
Byte mask CRC for wake-up frame filter 2.
23:16
WF3_0CRC
Byte mask CRC for wake-up frame filter 3.
31:24
WF3_1CRC
Byte mask CRC for wake-up frame filter 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86