Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KWCSLPM1.TG Fiches technique(PDF) 22 Page - ams-OSRAM AG

No de pièce KWCSLPM1.TG
Description  OSRAM OSTAR® Projection Compact
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KWCSLPM1.TG Fiches technique(HTML) 22 Page - ams-OSRAM AG

Back Button KWCSLPM1.TG Datasheet HTML 18Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 19Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 20Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 21Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 22Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 23Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 24Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 25Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 26Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
KW CSLPM1.TG
DATASHEET
DATASHEET
22 | Version 1.6 | 2025-01-13
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet fall into the class moderate risk (exposure time 0.25 s). Under real circumstances (for exposure
time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye ex-
ists from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials. Metal filled
materials can be affected by environments that contain traces of aggressive substances. Therefore, we
recommend that customers avoid device exposure to aggressive substances during storage, production,
and use.
For further application related information please visit https://ams-osram.com/support/application-notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26