Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRGPC40MD2 Fiches technique(PDF) 24 Page - International Rectifier

No de pièce IRGPC40MD2
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRGPC40MD2 Fiches technique(HTML) 24 Page - International Rectifier

Back Button IRGPC40MD2 Datasheet HTML 20Page - International Rectifier IRGPC40MD2 Datasheet HTML 21Page - International Rectifier IRGPC40MD2 Datasheet HTML 22Page - International Rectifier IRGPC40MD2 Datasheet HTML 23Page - International Rectifier IRGPC40MD2 Datasheet HTML 24Page - International Rectifier IRGPC40MD2 Datasheet HTML 25Page - International Rectifier IRGPC40MD2 Datasheet HTML 26Page - International Rectifier IRGPC40MD2 Datasheet HTML 27Page - International Rectifier IRGPC40MD2 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
HIGH TEMPERATURE REVERSE BIAS (HTRB)
Test circuit
Conditions
Bias:
Vce = As required
Temperature:
Tmax
Duration:
2000 Hours nominal
DUT
Test points:
168, 500, 1000,
DC
1500, 2000, Hours nominal
BIAS
D = Diode for CoPack devices only
Purpose
Failure Modes
Sensitive Parameters
V(BR)CES, ICES, IGES, VGE(th)
High temperature reverse bias (HTRB) burn-in is to stress the devices with the
applied voltage in the blocking mode while elevating the junction temperature. This
will accelerate any blocking voltage degradation process.
D
The primary failure mode for HTRB stress is a gradual degradation of the breakdown
characteristics or V(BR)CES. This degradation has been attributed to the presence of
foreign materials and polar/ionic contaminants. These materials, migrating under
application of electric field at high temperature, can perturb the electric field
termination structure.
Extreme care must be exercised in the course of a long term test to avoid potential
hazards such as electrostatic discharge or electrical overstress to the gate during
test. Failures arising from this abuse can be virtually indistinguishable from true
HTRB failures which results from the actual stress test.
IGBT / CoPack
Quarterly Reliability Report
Page 24 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35