Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMP585 Fiches technique(PDF) 36 Page - Bosch Sensortec GmbH

No de pièce BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSCH [Bosch Sensortec GmbH]
Site Internet  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Fiches technique(HTML) 36 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 40Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
36 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
Figure 11 shows the SPI multi-byte (burst) read protocol. The host sends the read command, read address, gets multiple
byte read data, and then terminates the transaction.
Figure 11: SPI multi-byte read operation
5.5.4 SPI hybrid bursts
SPI also supports a combined write-read operation called hybrid burst. Figure 12 shows this protocol. The host may decide
to combine a read (single or burst) transaction together with a write (single or burst) transaction together.
Figure 12: SPI hybrid write-read burst
A CSB idle time of 1us must be ensured for reads following writes for the following registers:
DRIVE_CONFIG
INT_CONFIG
NVM_DATA_LSB
NVM_DATA_MSB
As a consequence, hybrid accesses on these registers are not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71