Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMP388 Fiches technique(PDF) 53 Page - Bosch Sensortec GmbH

No de pièce BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSCH [Bosch Sensortec GmbH]
Site Internet  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Fiches technique(HTML) 53 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 55Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 56Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 57Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
53 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
7.7.
Environmental safety
7.7.1. RoHS
The BMP388 sensor meets the requirements of the EC restriction of hazardous substances (RoHS) directive, see also:
Directive 2015/863 (amending Annex II to Directive 2011/65/EU) of the European Parliament and of the Council on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
7.7.2. Halogen content
The BMP388 is halogen-free. For more details on the analysis results please contact your Bosch Sensortec representative.
7.7.3. Internal package structure
Within the scope of Bosch Sensortec’s ambition to improve its products and secure the mass product supply, Bosch
Sensortec qualifies additional sources (e.g. 2nd source) for the LGA package of the BMP388.
While Bosch Sensortec took care that all of the technical packages parameters are described above are 100% identical for
all sources, there can be differences in the chemical content and the internal structural between the different package sources.
However, as secured by the extensive product qualification process of Bosch Sensortec, this has no impact to the usage or
to the quality of the BMP388 product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59