Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMP280 Fiches technique(PDF) 39 Page - Bosch Sensortec GmbH

No de pièce BMP280
Description  Digital Pressure Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSCH [Bosch Sensortec GmbH]
Site Internet  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP280 Fiches technique(HTML) 39 Page - Bosch Sensortec GmbH

Back Button BMP280 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP280 Datasheet HTML 43Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Bosch Sensortec | BMP280 Data sheet
39 |
49
Modifications reserved | Data subject to change without notice
Document number: BST-BMP280-DS001-26 Revision_1.26_102021
7.2
Landing pattern recommendation
For the design of the landing pattern, the following dimensioning is recommended:
Figure 19: Recommended landing pattern (top view); dimensions are in mm
Note: red areas demark exposed PCB metal pads.
In case of a solder mask defined (SMD) PCB process, the land dimensions should be defined
by solder mask openings. The underlying metal pads are larger than these openings.
In case of a non solder mask defined (NSMD) PCB process, the land dimensions should be
defined in the metal layer. The mask openings are larger than the these metal pads.
0.5
0.55
2.0
8
7
6
5
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49