Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC94A04AFG Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TC94A04AFG
Description  1 chip Audio Digital Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A04AFG Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TC94A04AFG Datasheet HTML 5Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 6Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 7Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 8Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 9Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 10Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 11Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 12Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
TC94A04AFG/AFDG
2005-09-28
9
2.1.2 Setting RAM (sequential)
The RAMs are set by command data using the IFDI signal.
The first byte is a command, which differs for each RAM. The next two bytes contain the start address for the RAM written.
The length of the data field following the RAM address bytes is 2 × n bytes. The address is automatically incremented by 1.
During program running, 1 word of data is written at a time in internal RAM synchronizing with a SYNC signal.
Therefore, when performing continuously two or more write to word, unless it applies more than 1/fs [sec] per 1 word and it sets up, taking in of data is not
performed correctly.
At the time of program STOP, it is written in asynchronous.
CS
A11
A10
A13
A12
A15
A14
IFDI
IFCK
A9
A8
C3
C2
C5
C4
C7
C6
C1
C0
A3
A2
A5
A4
A7
A6
A1
A0
D11
D10
D13
D12
D15
D14
D9
D8
D1
D0
Don’t care
Don’t care
Cn: COMMAND
An: ADDRESS
Dn: Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42