Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4522-2WARMZ-R7 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADA4522-2WARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2WARMZ-R7 Fiches technique(HTML) 2 Page - Analog Devices

  ADA4522-2WARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 2 of 48
PIN CONNECTION DIAGRAM
Figure 2. 8-Lead MSOP (RM Suffix) and 8-Lead SOIC (R Suffix) Pin Configuration
For the ADA4522-1 and ADA4522-4 pin connections and for more information about the pin connections for these
products, see the Pin Configurations and Function Descriptions section.
Table 1. Related Products – Zero Drift Op Amps (<0.1µV/°C)
SUPPLY VOLTAGE
5 V
16 V
30 V
55 V
Single
ADA4528-1
AD8628
AD8538
ADA4051-1
AD8638
MAX44250
ADA4638-1
MAX44244
MAX44241
ADA4522-1
Dual
ADA4528-2
AD8629
AD8539
ADA4051-2
AD8639
MAX44251
MAX44248
MAX44246
ADA4522-2
Quad
AD8630
MAX44252
MAX44245
MAX44243
ADA4522-4
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4522-2
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48