| Moteur de recherche de fiches techniques de composants électroniques |
|
ADBMS1818CSWAZ-R7 Fiches technique(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADBMS1818CSWAZ-R7 Fiches technique(HTML) 13 Page - Analog Devices |
|
13 / 92 page ![]() Data Sheet ADBMS1818 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS analog.com Rev. B | 13 of 92 Table 14. Pin Function Descriptions (Continued) Pin No. Mnemonic Description 58 ICMP Isolated Interface Comparator Voltage Threshold Set. Tie ICMP to the resistor divider between IBIAS and V– to set the voltage threshold of the isoSPI receiver comparators. The comparator thresholds are set to half the voltage on the ICMP pin. 59, 60 V– Negative Supply Pins. The V– pins must be shorted together, external to the IC. 61, 62 IMA, IPA Isolated 2-Wire Serial Interface Port A. IMA (negative) and IPA (positive) are a differential input/output pair. 63, 64 IMB, IPB Isolated 2-Wire Serial Interface Port B. IMB (negative) and IPB (positive) are a differential input/output pair. 65 EPAD (V–) Exposed Pad (V–). The exposed pad must be soldered to the PCB. Table 15. Serial Port Pins Port ISOMD = VREG ISOMD = V– Port B IPB IPB (Pin 57, Pin 58, Pin 63, and Pin 64) IMB IMB ICMP ICMP IBIAS IBIAS Port A NC SDO (Pin 53, Pin 54, Pin 61, and Pin 62) NC SDI IPA SCK IMA CSB |