Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADA4522-1ARZ-R7 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Fiches technique(HTML) 3 Page - Analog Devices

  ADA4522-1ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 3 of 48
TABLE OF CONTENTS
Applications ...............................................................................................................................................................................................1
General Description...................................................................................................................................................................................1
Pin Connection Diagram ...........................................................................................................................................................................2
Specifications.............................................................................................................................................................................................5
Absolute Maximum Ratings ....................................................................................................................................................................14
Thermal Resistance.............................................................................................................................................................................14
Power Sequencing ..............................................................................................................................................................................14
ESD Caution.........................................................................................................................................................................................14
Pin Configurations and Function Descriptions......................................................................................................................................15
Typical Performance Characteristics .....................................................................................................................................................17
Theory of Operation ................................................................................................................................................................................28
On-Chip Input EMI Filter and Clamp Circuit ......................................................................................................................................29
Thermal Shutdown .............................................................................................................................................................................29
Input Protection ..................................................................................................................................................................................30
Single-Supply and Rail-to-Rail Output ..............................................................................................................................................30
Large Signal Transient Response.......................................................................................................................................................31
Case 1...............................................................................................................................................................................................31
Case 2...............................................................................................................................................................................................32
Noise Considerations..........................................................................................................................................................................32
1/f Noise ..........................................................................................................................................................................................32
Source Resistance...........................................................................................................................................................................33
Residual Ripple ...............................................................................................................................................................................33
Current Noise Density.....................................................................................................................................................................35
EMI Rejection Ratio .............................................................................................................................................................................35
Capacitive Load Stability....................................................................................................................................................................36
Applications Information ........................................................................................................................................................................37
Single-Supply Instrumentation Amplifier..........................................................................................................................................37
Load Cell/Strain Gauge Sensor Signal Conditioning Using the ADA4522-2 ....................................................................................38
Precision Low-Side Current Shunt Sensor ........................................................................................................................................39
Printed Circuit Board Layout..............................................................................................................................................................40
Comparator Operation .......................................................................................................................................................................40
Use of Large Source Resistance .........................................................................................................................................................42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48