Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4080BBCZ Fiches technique(PDF) 88 Page - Analog Devices

No de pièce AD4080BBCZ
Description  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ Fiches technique(HTML) 88 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 84Page - Analog Devices AD4080BBCZ Datasheet HTML 85Page - Analog Devices AD4080BBCZ Datasheet HTML 86Page - Analog Devices AD4080BBCZ Datasheet HTML 87Page - Analog Devices AD4080BBCZ Datasheet HTML 88Page - Analog Devices AD4080BBCZ Datasheet HTML 89Page - Analog Devices AD4080BBCZ Datasheet HTML 90Page - Analog Devices AD4080BBCZ Datasheet HTML 91Page - Analog Devices AD4080BBCZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 94 page
background image
Data Sheet
AD4080
CONFIGURATION REGISTERS
analog.com
Rev. A | 88 of 94
GPIO Configuration C Register
Address: 0x1B, Reset: 0x00, Name: GPIO_CONFIG_C
Figure 131. GPIO Configuration C Register
Table 54. Bit Descriptions for GPIO_CONFIG_C
Bits
Bit Name
Description
Reset
Access
[7:4]
GPIO_3_SEL
GPIO 3 Write Select.
0x0
R/W
0000: Configuration SPI SDO Data.
0001: FIFO Full Flag.
0010: FIFO Read Done Flag.
0011: Filter Result Ready (Active Low).
0100: High Threshold Detect.
0101: Low Threshold Detect.
0110: Status Alert (Active Low).
0111: GPIO Data.
1000: Filter Synchronization Input (Active Low).
1001: External Event Trigger Input for FIFO.
1010: Do not use this setting.
[3:0]
GPIO_2_SEL
GPIO 2 Write Select.
0x0
R/W
0000: Configuration SPI SDO Data.
0001: FIFO Full Flag.
0010: FIFO Read Done Flag.
0011: Filter Result Ready (Active Low).
0100: High Threshold Detect.
0101: Low Threshold Detect.
0110: Status Alert (Active Low).
0111: GPIO Data.
1000: Filter Synchronization Input (Active Low).
1001: External Event Trigger Input for FIFO.
1010: Do not use this setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94