Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

02065103 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce 02065103
Description  ServiceGrade Hand Crimp Tool for Field Repair Only, 24-14 AWG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02065103 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  02065103 Datasheet HTML 1Page - Molex Electronics Ltd. 02065103 Datasheet HTML 2Page - Molex Electronics Ltd. 02065103 Datasheet HTML 3Page - Molex Electronics Ltd. 02065103 Datasheet HTML 4Page - Molex Electronics Ltd. 02065103 Datasheet HTML 5Page - Molex Electronics Ltd. 02065103 Datasheet HTML 6Page - Molex Electronics Ltd. 02065103 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Part Number : 638111000
Product Description : ServiceGrade Hand Crimp
Tool for Field Repair Only, 24-14 AWG
Series Number : 207129
Status : Active
Product Category : Crimp Presses and Crimp Hand
Tools
Documents & Resources
Tooling Specifications
ATS-638111000-001.pdf
TM-638000029-001.pdf
TM-638000029DE-001.pdf
TM-638000029SP-001.pdf
TM-638000029FR-001.pdf
TM-638000029IT-001.pdf
TM-638000029JP-001.pdf
TM-638000029KR-001.pdf
TM-638000029MY-001.pdf
TM-638000029PL-001.pdf
TM-638000029RU-001.pdf
TM-638000029SK-001.pdf
TM-638000029TH-001.pdf
TM-638000029VN-001.pdf
TM-638000029CN-001.pdf
TM-638000029TW-001.pdf
Product Environment Compliance
Compliance
GADSL/IMDS
Not Relevant
China RoHS
Not Relevant
EU ELV
Not Relevant


Numéro de pièce similaire - 02065103

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
02065103 MOLEX1-02065103 Datasheet
144Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Reel
02065103 MOLEX-02065103 Datasheet
87Kb / 5P
Hand Crimp Tool for Standard 1.57mm Pin and Socket Crimp Terminals, 24-18 AWG
Jun 05, 2025
02065103 MOLEX-02065103 Datasheet
65Kb / 6P
Insertion Tool for Standard .062" Diameter Male and Female Terminals
Jun 24, 2025
02065103-C MOLEX1-02065103-C Datasheet
144Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Reel
More results

Description similaire - 02065103

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0640160035 MOLEX11-0640160035 Datasheet
36Kb / 1P
ServiceGrade Hand Crimp Tool
0640160036 MOLEX11-0640160036 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool
0640160037 MOLEX11-0640160037 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160038 MOLEX11-0640160038 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160041 MOLEX11-0640160041 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160042 MOLEX11-0640160042 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160044 MOLEX11-0640160044 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160170 MOLEX11-0640160170 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for Terminals
0640160200 MOLEX11-0640160200 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for Terminals
0640160201 MOLEX11-0640160201 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for Terminals
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com