Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

02065109 Fiches technique(PDF) 4 Page - Molex Electronics Ltd.

No de pièce 02065109
Description  ServiceGrade Hand Crimp Tool for Field Repair Only, 24-14 AWG
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

02065109 Fiches technique(HTML) 4 Page - Molex Electronics Ltd.

  02065109 Datasheet HTML 1Page - Molex Electronics Ltd. 02065109 Datasheet HTML 2Page - Molex Electronics Ltd. 02065109 Datasheet HTML 3Page - Molex Electronics Ltd. 02065109 Datasheet HTML 4Page - Molex Electronics Ltd. 02065109 Datasheet HTML 5Page - Molex Electronics Ltd. 02065109 Datasheet HTML 6Page - Molex Electronics Ltd. 02065109 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Series 1190, Male, with Gold (Au)
Plated Brass Contact, 20-14 AWG,
Bag
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Female, with Tin (Sn) Plated Brass
Contact, 24-18 AWG, Bag
02061103
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1854, Male, with Gold (Au)
Plated Brass Contact, 30-24 AWG,
Reel
02066130
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1854, Male, with Tin (Sn)
Plated Brass Contact, 30-24 AWG,
Reel
02062131
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1854, Male, with Tin (Sn)
Plated Brass Contact, 30-24 AWG,
Bag
02062132
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1855, Female, with Tin (Sn)
Plated Brass Contact, 30-24 AWG,
Bag
02061132
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1560, Male, with Selective
Gold (Au) Plated Brass Contact, Tin/
Lead Plated Crimp Area, 24-18
AWG, Bag
02066119
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1560, Male, with Gold (Au)
Plated Brass Contact, 24-18 AWG,
Bag
02066103
1.57mm Diameter, Standard .062"
Pin and Socket Crimp Terminal,
Series 1560, Male, with .76µm
Selective Gold (Au) Plated Brass
Contact, 24-18 AWG, Bag Packaged
02066102



Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com