Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRGPF30F Fiches technique(PDF) 25 Page - International Rectifier

No de pièce IRGPF30F
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRGPF30F Fiches technique(HTML) 25 Page - International Rectifier

Back Button IRGPF30F Datasheet HTML 21Page - International Rectifier IRGPF30F Datasheet HTML 22Page - International Rectifier IRGPF30F Datasheet HTML 23Page - International Rectifier IRGPF30F Datasheet HTML 24Page - International Rectifier IRGPF30F Datasheet HTML 25Page - International Rectifier IRGPF30F Datasheet HTML 26Page - International Rectifier IRGPF30F Datasheet HTML 27Page - International Rectifier IRGPF30F Datasheet HTML 28Page - International Rectifier IRGPF30F Datasheet HTML 29Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
HIGH TEMPERATURE GATE BIAS (HTGB)
Test circuit
Conditions
DUT
Bias:
Vge = As required
Temperature:
Tmax
Duration:
2000 Hours nominal
Test points:
168, 500, 1000,
DC
1500, 2000 Hours nominal.
BIAS
D = Diode for CoPack devices only
Purpose
Failure Modes
Sensitive Parameters
ICES,VGE(th)
The purpose of High Temperature Gate Bias is to stress the devices with the
applied bias to the gate while at elevated junction temperature to accelerate time
dependent dielectric breakdown of the gate structure.
D
The primary failure modes for long term gate stress is a rupture of the gate oxide,
causing either a resistive short between gate-to-emitter or gate-to-collector or what
appears to be a low breakdown diode between the gate and source.
The oxide breakdown has been attributed to the degradation in time of existing
defects in the thermally grown oxide. These defects can take form of localized
thickness variations,
structural
anomalies or the presence of
sub-micron
particulate, within the oxide.
As with HTRB, extreme care must be exercised in the course of a long term test to
avoid potential hazards such as electrostatic discharge or electrical overstress to
the gate during test. Failures arising from this abuse are virtually indistinguishable
from true oxide breakdown which result from the actual stress test.
IGBT / CoPack
Quarterly Reliability Report
Page 25 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35