Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FLITE-SK/RAIS2 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce ST7FLITE-SK/RAIS2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS2 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS2 Datasheet HTML 6Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 7Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 8Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 9Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 10Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 11Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 12Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 13Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
10/124
REGISTER AND MEMORY MAP (Cont’d)
Figure 5. Memory Map (ST7SUPERLITE)
0000h
RAM
Flash Memory
(1K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
(see Table 2)
FFE0h
FFFFh
(see Table 6)
0100h
00FFh
Short Addressing
RAM (zero page)
64 Bytes Stack
00C0h
00FFh
0080h
00BFh
(128 Bytes)
FC00h
FBFFh
Reserved
FFDFh
0.5 Kbytes
0.5 Kbytes
SECTOR 1
SECTOR 0
1K FLASH
FFFFh
FE00h
FDFFh
FC00h
PROGRAM MEMORY
FFDEh
FFDFh
RCCR0
RCCR1
see section 7.1 on page 24
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More