Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC4076B Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce HCC4076B
Description  RadHardened high voltage complementary MOS logic series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4076B Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button HCC4076B Datasheet HTML 3Page - STMicroelectronics HCC4076B Datasheet HTML 4Page - STMicroelectronics HCC4076B Datasheet HTML 5Page - STMicroelectronics HCC4076B Datasheet HTML 6Page - STMicroelectronics HCC4076B Datasheet HTML 7Page - STMicroelectronics HCC4076B Datasheet HTML 8Page - STMicroelectronics HCC4076B Datasheet HTML 9Page - STMicroelectronics HCC4076B Datasheet HTML 10Page - STMicroelectronics HCC4076B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HCC4000B series
Package mechanical data
7/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
6.75
6.91
7.06
0.266
0.272
0.278
B
9.76
9.94
10.14
0.384
0.392
0.399
C
1.49
1.95
0.059
0.077
D
0.102
0.127
0.152
0.004
0.005
0.006
E
8.76
8.89
9.01
0.345
0.350
0.355
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
6.0
0.237
L
18.75
22.0
0.738
0.867
M
0.33
0.38
0.43
0.013
0.015
0.017
N
4.31
0.170
FPC-16 MECHANICAL DATA
0016030E
1
8
16
F
G
D
H
A
B
M
C
N
H
9
E
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13