Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMP390 Fiches technique(PDF) 29 Page - Bosch Sensortec GmbH

No de pièce BMP390
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSCH [Bosch Sensortec GmbH]
Site Internet  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP390 Fiches technique(HTML) 29 Page - Bosch Sensortec GmbH

Back Button BMP390 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 33Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Bosch Sensortec | BMP390 Datasheet
29 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP390-DS002-07 Revision_1.7_032021
4. Global memory map and register description
4.1.
General remarks
All communication with the device is performed by reading and writing registers. All Registers have a width of 8 bits. There
are several registers which are reserved; they should not be written to and no specific value is guaranteed when they are
read. For details on the interface, consult chapter 5.
4.2.
Datasheet Memory Map
The memory map is given in Table 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59