| Moteur de recherche de fiches techniques de composants électroniques |
|
STP20NM60FP Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP20NM60FP Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 18 page ![]() August 2007 Rev 12 1/18 18 STB20NM60-1 - STP20NM60FP STB20NM60 - STP20NM60 - STW20NM60 N-channel 600V - 0.25 Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh™ Power MOSFET Features ■ High dv/dt and avalanche capabilities ■ 100% avalanche tested ■ Low input capacitance and gate charge ■ Low gate input resistance Applications ■ Switching applications Description The MDmesh™ is a new revolutionary Power MOSFET technology that associates the multiple drain process with the company’s PowerMESH™ horizontal layout. The resulting product has an outstanding low on-resistance, impressively high dv/dt and excellent avalanche characteristics. The adoption of the company’s proprietary strip technique yields overall dynamic performance that is significantly better than that of similar competition’s products. Figure 1. Internal schematic diagram Type VDSS RDS(on) ID STP20NM60 STP20NM60FP STB20NM60 STB20NM60-1 STW20NM60 600V 600V 600V 600V 600V < 0.29 Ω < 0.29 Ω < 0.29 Ω < 0.29 Ω < 0.29 Ω 20A 20A 20A 20A 20A TO-247 1 3 1 2 3 TO-220 D²PAK 1 2 3 TO-220FP 1 2 3 I²PAK Table 1. Device summary Part number Marking Package Packaging STP20NM60 P20NM60 TO-220 Tube STP20NM60FP P20NM60FP TO-220FP Tube STB20NM60T4 B20NM60 D²PAK Tape & reel STB20NM60-1 B20NM60-1 I²PAK Tube STW20NM60 W20NM60 TO-247 Tube www.st.com |
Numéro de pièce similaire - STP20NM60FP |
|
Description similaire - STP20NM60FP |