Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6741 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce L6741
Description  High current MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6741 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button L6741 Datasheet HTML 8Page - STMicroelectronics L6741 Datasheet HTML 9Page - STMicroelectronics L6741 Datasheet HTML 10Page - STMicroelectronics L6741 Datasheet HTML 11Page - STMicroelectronics L6741 Datasheet HTML 12Page - STMicroelectronics L6741 Datasheet HTML 13Page - STMicroelectronics L6741 Datasheet HTML 14Page - STMicroelectronics L6741 Datasheet HTML 15Page - STMicroelectronics L6741 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
L6741
Package mechanical data
13/16
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16