Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6743 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce L6743
Description  High current MOSFET driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6743 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button L6743 Datasheet HTML 9Page - STMicroelectronics L6743 Datasheet HTML 10Page - STMicroelectronics L6743 Datasheet HTML 11Page - STMicroelectronics L6743 Datasheet HTML 12Page - STMicroelectronics L6743 Datasheet HTML 13Page - STMicroelectronics L6743 Datasheet HTML 14Page - STMicroelectronics L6743 Datasheet HTML 15Page - STMicroelectronics L6743 Datasheet HTML 16Page - STMicroelectronics L6743 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
L6743, L6743Q
Package mechanical data
15/17
Figure 10.
Package dimensions
Table 7.
DFN10 mechanical data
Dim.
mm
inch
Min
Typ
Max
Min
Typ
Max
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.02
0.05
0.001
0.002
A2
0.70
0.028
A3
0.20
0.008
b
0.18
0.23
0.30
0.007
0.009
0.012
D
3.00
0.118
D2
2.21
2.26
2.31
0.087
0.089
0.091
E
3.00
0.118
E2
1.49
1.64
1.74
0.059
0.065
0.069
e
0.50
0.20
L
0.3
0.4
0.5
0.012
0.016
0.020
M
0.75
0.295
m
0.25
0.098



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17