Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

520522 Fiches technique(PDF) 2 Page - Hutchinson Paulstra

No de pièce 520522
Description  RADIAFLEX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PAULSTRA [Hutchinson Paulstra]
Site Internet  https://www.paulstra-industry.com/en
Logo PAULSTRA - Hutchinson Paulstra

520522 Fiches technique(HTML) 2 Page - Hutchinson Paulstra

  520522 Datasheet HTML 1Page - Hutchinson Paulstra 520522 Datasheet HTML 2Page - Hutchinson Paulstra 520522 Datasheet HTML 3Page - Hutchinson Paulstra 520522 Datasheet HTML 4Page - Hutchinson Paulstra  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
40
**
**
0.75
0.9
1.5
1.25
1.2
1.6
12
10
6
6
M3
M3
8
8
950
950
600
500
450
45
35
35
35
35
M14
30
30
40
70
80
5
5
7
15
17
Ref.
Deflect
mm
Max.
load
daN
Deflect
mm
Max.
load
daN
G
mm
Ø C
B
mm
12
10
Ø A
mm
15
22
30
40
25
36
45
25
35
45
20
28
35
40
45
30
40
521601
521603
521641
25
400
300
250
5
8
11
30
30
30
4.5
7
9
60
M10
25
300
250
190
6
8
11
25
25
25
4.5
7
9
521580
521581
521582
M10
50
25
450
350
300
8
11
14
35
35
35
6.5
11
15
521705
521710
521711
70
35
50
70
M10
28
600
9
40
7
521658
40
M12
521803
521840
521841
521842
521843
7
7
9
17
19
40
40
40
40
40
80
100
47
1100
900
750
8
12
19
60
60
60
7
10
17
521908
521909
521910
40
55
80
M16
521293
521128
521295
1.5
2
4
1.5
2.5
2.5
2
3
3.5
12
10
8
10
M5
10
15
20
M4
10
20
1.5
3
2.5
1.5
2
521650
521651
10
15
M6 16.5
40
35
30
30
25
0.6
3
4.5
5.5
7
5
5
5
4.5
4.5
1
2.5
3.5
4.5
4.5
521178
521249
521297
521299
521319
8.5
15
20
25
30
521292
521294
521296
521298
1.5
2
4
5
2.5
2.5
2.5
2
1.5
3
4
5
20
20
15
15
12
M5
10
15
20
25
521655
521656
521652
521653
1.5
2.5
4
6
8
8
8
8
1.5
2.5
2
7.5
80
60
50
50
2.5
4
6
7.5
11
11
11
11
3
5
8
9
90
80
70
60
25
M8
10
15
22
25
30
40
18
M6
10
15
20
30
521308
521310
521312
521314
12.5
30
513601
511625
511635
511645
3
6
9
11
350
400
300
250
25
M10
22
25
36
45
60
511525
511535
511545
6
9
11
300
250
190
25
M10
25
35
45
50
40
511308
511310
511312
511314
511265
511270
511251
511275
511280
511285
511290
511110
511128
511115
511125
2
2.5
3
3.5
12
11
10
8
10
M5
10
13.5
15
20
12.5
16
3.5
6
8
9
90
80
70
60
25
M8
15
22
30
40
30
Ref.
Compression
B
mm
10
15
Deflection
mm
Max. load
daN
Ø C
511150
511151
2
3
20
10
M4
G
mm
Ø A
mm
2
3
4
5
20
20
15
15
10
15
20
25
8.5
15
20
25
30
M5
12
511292
511294
511296
511298
511200
511215
511220
511225
511230
1.5
4
5
5.5
7
M6
16.5
40
35
30
30
25
20
25.5
10
15
19
22
25
30
40
511450
511401
511452
511454
511456
5
6
8
10
11
160
150
120
120
120
25
M10
20
25
35
40
45
511157
511161
7
10
120
120
20
M8
30
40
Threaded hole fixing on request (except Ø 12.5).
See current price list for availability of items.
DIMENSIONS AND COMPRESSIVE LOADS
*The shear characteristics are measured under Axial Load.
**See VIBRACHOC elastomer range : references E3RP.
See Vibrachoc elastomer range :
Threaded studs
35
SINGLE STUD FIXING
DOUBLE STUDS FIXING
M8
M8
20
80
60
55
50
50
50
50
2
3.5
4.5
5.5
6
8
10
18
80
60
50
50
2
3.5
5
8
511158
511155
511159
511160
10
15
20
30
M6
25
450
350
300
9
12
14
511735
511750
511770
70
35
50
70
M10
45
35
35
35
35
1100
950
600
500
450
6
8
10
17
19
513801
511830
511840
511870
511880
80
25
30
40
70
80
M14
Compression
Shear*
16
20
20
80
60
50
50
50
50
1.5
2.5
4
5.5
7.5
10
8
8
8
8
8
6.5
1.5
2.5
4
4.5
6
6
521340
521341
521251
521342
521343
521344
25.5
25
160
150
120
120
120
4
6
8
10
11
20
20
20
20
20
3
5.5
6.5
7.5
9
521450
521401
521452
521454
521456
M10
20
150
120
6
10
20
20
5.5
7.5
521181
521657
M8
New RADIAFLEX
references
Ø A
Ø A
Ø C
Ø C



Html Pages

1 2 3 4