Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7410ND Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce TDA7410ND
Description  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 26Page - STMicroelectronics TDA7410ND Datasheet HTML 27Page - STMicroelectronics TDA7410ND Datasheet HTML 28Page - STMicroelectronics TDA7410ND Datasheet HTML 29Page - STMicroelectronics TDA7410ND Datasheet HTML 30Page - STMicroelectronics TDA7410ND Datasheet HTML 31Page - STMicroelectronics TDA7410ND Datasheet HTML 32Page - STMicroelectronics TDA7410ND Datasheet HTML 33Page - STMicroelectronics TDA7410ND Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
I2C bus specification
TDA7410ND
30/34
Table 19.
Test (10)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Test
0
1
Stereodecoder test signal
OFF
Test signal enabled
0
1
External Clock
Internal Clock
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Test signal
VHCCH
Level internal
Pilot magnitude
VCO control voltage
Pilot Threshold
HOLDN
NB threshold
F228
VHCCL
VSBL
SBPWM
TBD
PEAK
REF5V
REF5V5
VBG1.95
0
1
VCO
OFF
ON
0
1
Audio processor test mode
Enabled
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34