Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7415CB Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce TDA7415CB
Description  Car radio multimedia signal processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7415CB Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button TDA7415CB Datasheet HTML 42Page - STMicroelectronics TDA7415CB Datasheet HTML 43Page - STMicroelectronics TDA7415CB Datasheet HTML 44Page - STMicroelectronics TDA7415CB Datasheet HTML 45Page - STMicroelectronics TDA7415CB Datasheet HTML 46Page - STMicroelectronics TDA7415CB Datasheet HTML 47Page - STMicroelectronics TDA7415CB Datasheet HTML 48Page - STMicroelectronics TDA7415CB Datasheet HTML 49Page - STMicroelectronics TDA7415CB Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
TDA7415CB
Application information
47/50
8
Application information
Figure 27.
Typical application connections diagram
Figure 27 shows a proposal for a typical application. - However, the figure only represents
one possible interconnection scheme with other devices (The shaded blocks could
represent a complex digital sound reproducing/processing system). For simplicity, this
proposal assumes the system designer not to take advantage from the direct muting feature
and therefore let the corresponding Mute-pins floating.
All capacitor values are suggestions with their dimensioning still being dependant on girdling
impedances. This is especially true for the capacitors located at the WinTC-pins as can be
read in chapter 6.5. In case the DC-detector function is not assessed in the application
it is recommended to short both the WinTC-pins 14 and 15 to device-ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50