Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9502 Fiches technique(PDF) 55 Page - Abbatron All Rights Reserved

No de pièce 9502
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABBATRON [Abbatron All Rights Reserved]
Site Internet  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

9502 Fiches technique(HTML) 55 Page - Abbatron All Rights Reserved

Back Button 9502 Datasheet HTML 51Page - Abbatron All Rights Reserved 9502 Datasheet HTML 52Page - Abbatron All Rights Reserved 9502 Datasheet HTML 53Page - Abbatron All Rights Reserved 9502 Datasheet HTML 54Page - Abbatron All Rights Reserved 9502 Datasheet HTML 55Page - Abbatron All Rights Reserved 9502 Datasheet HTML 56Page - Abbatron All Rights Reserved 9502 Datasheet HTML 57Page - Abbatron All Rights Reserved 9502 Datasheet HTML 58Page - Abbatron All Rights Reserved 9502 Datasheet HTML 59Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Ceramic Standoffs
LENGTH
THREAD
OD
• Ceramic standoffs are Grade L-5 Steatite, glazed and
fired at high temperature.
• Threaded from each end as indicated in table.
• The ideal Insulator, Steatite exhibits exceptional strength
in compression and tension, but is weak in shear
(torsion), as are all glass-type materials.
• Continuous safe operating temperature rating of 930oC
(1700oF).
53
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
PART
MIL
NO.
SIZE
DEPTH
NUMBER
2640
1/4
1/4
THRU
2642
3/8
3/8
2641
1/4
2643
5/32
2600
5/32
NL523 W01 004
2644
1/2
9/64
2601
3/8
1/4
NL523 W01 005
2607
1/2
8-32
3/16
NL523 W02 005
2602
3/8
NL523 W01 006
2645
2608
8-32
NL523 W02 006
2603
3/8
NL523 W01 008
2646
2609
8-32
NL523 W02 008
2615
3/4
10-32
NL523 W03 008
2604
3/8
6-32
NL523 W01 010
2610
1/2
8-32
NL523 W02 010
2616
3/4
10-32
NL523 W03 010
2622
1
1/4-20
7/16
NL523 W04 010
2647
1/2
9/16
2605
3/8
NL523 W01 012
2611
1/2
8-32
NL523 W02 012
2617
3/4
10-32
NL523 W03 012
2623
1
1/4-20
1/2
NL523 W04 012
2606
3/8
6-32
NL523 W01 016
2612
1/2
8-32
NL523 W02 016
2618
3/4
10-32
NL523 W03 016
2624
1
1/4-20
5/8
NL523 W04 016
2648
6-32
1/2
2613
8-32
NL523 W02 020
2619
10-32
NL523 W03 020
2649
3/4
2625
1
5/8
NL523 W04 020
2614
1/2
8-32
NL523 W02 024
2620
3/4
10-32
NL523 W03 024
2626
1
5/8
NL523 W04 024
2650
3/4
2621
10-32
3/8
NL523 W03 032
2627
NL523 W04 032
2628
5
NL523 W04 040
2629
6
NL523 W04 048
THREAD
1/2
5/32
3/8
6-32
5/8
LENGTH O.D.
3/4
6-32
1/4
1/2
3/8
2
3/8
1
1/2
6-32
3/8
1-1/4
1/2
3/4
1/4-20
1-1/2
6-32
3/8
3
1/4-20
3/8
4
3/4
1
1/4-20
5/8
2-1/2
SCREW NO.
MAJOR DIA.
HOLE SIZE
#2
0.086
0.093
#3
0.099
0.100
#4
0.112
0.120
#5
0.125
0.130
#6
0.138
0.144
#8
0.164
0.169
#10
0.190
0.196
#12
0.216
0.220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60